date 05/03/2013 page 1 of 3 cui .com model: CSS-H5B43-SMT description: magnetic buzzer transducer ? ?3 ? ?? e ???t3?? ??c? ??c? c? ?????? ????? ?c? ????3?? ??c? ???c? features ? surface mount ? top sound port ? externally driven rohs specifications parameter conditions/description min typ max units rated voltage 5 vo-p operating voltage 4 6 vo-p current consumption at rated voltage, 2,730 hz square wave, ? duty 60 ma rated frequency 2,730 hz sound pressure level at 10 cm (a-weight), rated voltage, 2,730 hz square wave, ? duty 91 dba coil resistance 37.9 43 48.1 dimensions 14 x 11 x 3 mm weight 1g material l.c.p. (black) terminal smt type (sn plating) operating temperature -30 85 c storage temperature -40 85 c rohs yes note: add suf x ?-tr? to the model for tape & reel packaging solderability parameter conditions/description min typ max units re ow soldering see re ow solder pro le 260 c vo-p 0v
cui .com cui inc model: CSS-H5B43-SMT description: magnetic buzzer transducer date 05/03/2013 page 2 of 3 13.0 0.512 (2 plcs) 13.7 0.539 0.3 (2 plcs) 10.7 0.421 1.3 0.051 7.2 0.283 (2 plcs) sound port 0.433 11.0 0.3 0.551 0.3 2.4 0.094 14.0 3.1 0.122 3.0x3.0 (4 plcs) recommended pcb layout (top view) nc nc +- 0.3 1.2 0.3 (4 plcs) 0.047 7.0 0.276 0.7 0.028 (2 plcs) 0.3 0.118 1.8 0.071 (2 plcs) 3.0 0.5 0.020 max (2 plcs) mechanical drawing frequency response curve 100 80 60 20 hz a: frequency response. magn db re 20.00 pa 90 70 50 200 2k 20k db units: mm[inch] tolerance: 0.5 mm measurement method +2.5v +vdc 180 tr: 2sc1741as 0
cui inc model: CSS-H5B43-SMT description: magnetic buzzer transducer date 05/03/2013 page 3 of 3 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use . cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 06/01/2010 1.01 applied new template 04/13/2012 1.02 updated part number, added tr package option 05/03/2013 the revision history provided is for informational purposes only and is believed to be accurate. revision history
|